Part Number Hot Search : 
045CT PI3USB10 114ECA EC610 VSKCS203 1366A C6N13 MAX2370
Product Description
Full Text Search
 

To Download FTR-G1CN010W1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 ftr-k1 series ?? features ? ? compact for high density packaging ? ? high contact capacity with proven contact material (min. 100,000 operations, 14v, 25a) ? ? coil power savings (640mw nominal achived with state-of- the-art magnetic analysis/design) ? ? ease of pcb layout (all terminals on perimeter, coil and contact terminals separated) ? ? lower noise (57db average at 5cm) ? ? rohs compliant please see page 5 for more information actual marking does not carry the type name: "ftr" e.g.: ordering code: FTR-G1CN010W1 actual marking: g1cn010w1 ftr-g1 series compact power relay 1 pole - 25a (for automotive applications) ?? partnumber information ftr-g1 c n 010 w1 [example] (a) (b) (c) (d) (e) ?? applications ? ? power window ? ? power seat ? ? door lock ? ? wiper/iww ? ? tilt steering ? ? retractable antenna ? ? sunroof (a) relay type ftr-g1 : ftr-g1 series (b) contact con guration c : 1 form c (c) contact gap n : 0.25mm (d) coil rated voltage 010 : 9....12vdc coil rating table at page 3 (e) contact material w1 : silver-tin oxide indium
2 ftr-k1 series * 1 need to consider the heat to pcb when max. current is more than 10a * 2 minimum switching loads mentioned above are reference values. please perform the con rmation test with actual load before production since reference values may vary according to switching frequencies, environmental conditions and expected reliability levels. ftr-g1 series ?? specification item ftr-g1 contact data con guration 1 form c material silver-tin oxide indium (agsno 2 ) contact voltage drop max. 100mv at 1a, 6vdc (after stabilization) contact rating 25a at 14vdc (locked motor load) max. carrying current * 1 25a/1 hour (25 c, 100% rated coil voltage) max. switching voltage 16vdc (reference) max. switching current 35a (reference) min. switching load * 2 1a, 6vdc life mechanical min. 1 x 10 6 operations electrical * min. 100 x 10 3 operations, 14vdc, 25a inrush power window motor (1 operation: 1 forward and 1 reverse) * min. 100 x 10 3 operations 14vdc, 20a inrush door locked motor coil data rated power 640mw operate power 237mw operating temperature range -40 c to +85 c (no frost) timing data operate (at nominal voltage) max. 10 ms (without bounce) release (at nominal voltage) max. 5 ms (without bounce, no diode) insulation resistance (initial) min. 100m at 500vdc dielectric withstanding voltage open contacts 500vac , 1 min. between coil and contacts 500vac, 1 min. other vibration resistance misoperation 10 to 55hz double amplitude 1.5mm shock misoperation 100m/s2 minimum (10g) endurance 1,000m/s2 minimum (100g) weight approximately 3.5 g sealing plastic sealed cat iii
3 ftr-k1 series ftr-g1 series ?? reference data ?? coil rating coil code rated coil voltage (vdc) coil resistance +/- 10% (ohm) must operate voltage (vdc) * must release voltage (vdc) * coil power at nominal voltage (w) 009 9 126 5.4 0.75 0.64 6.8 (at 85 c) 010 10 160 6.5 0.8 8.2 (at 85 c) 012 12 225 7.3 1 9.2 (at 85 c) note: all values in the table are valid for 20c and zero contact current, unless otherwise indicated. * speci ed operate values are valid for pulse wave voltage.
4 ftr-k1 series ftr-g1 series ?? dimensions ?? schematics ?? mounting hole layout (bottom view) ?? marking (example) ?? tube unit: mm
5 ftr-k1 series ftr-g1 series 1. general information ? all automotive relays produced by fujitsu components are compliant with rohs directive 2002/95ec including amendments. ? cadmium as used in electrical contacts is exempted from the rohs directives on october 21st, 2005. (amendment to directive 2002/95/ec) ? all our automotive relays are lead-free. ? lead free solder plating on relay terminals is sn-3.0ag-0.5cu, unless otherwise speci ed. this material has been veri ed to be compatible with pbsn assembly process. 2. recommended lead free solder pro le ? recommended solder sn-3.0ag-0.5cu. rohs compliance and lead free information 3. moisture sensitivity ? moisture sensitivity level standard is not applicable to through hole mounted electromechanical relays, unless otherwise indicated. 4. tin whiskers ? dipped snagcu solder is known as presenting a low risk to tin whisker development. no considerable length whisker was found by our in house test. we highly recommend that you con rm your actual solder conditions flow solder condition: pre-heating: maximum 120 ? c soldering: dip within 5 sec. at 260 ? c solder bath solder by soldering iron: soldering iron temperature: maximum 360 ? c duration: maximum 3 sec.
6 ftr-k1 series japan fujitsu component limited gotanda-chuo building 3-5, higashigotanda 2-chome, shinagawa-ku tokyo 141, japan tel: (81-3) 5449-7010 fax: (81-3) 5449-2626 email: promothq@ft.ed.fujitsu.com web: www.fcl.fujitsu.com north and south america fujitsu components america, inc. 250 e. caribbean drive sunnyvale, ca 94089 u.s.a. tel: (1-408) 745-4900 fax: (1-408) 745-4970 email: components@us.fujitsu.com web: http://us.fujitsu.com/components europe fujitsu components europe b.v. diamantlaan 25 2132 wv hoofddorp netherlands tel: (31-23) 5560910 fax: (31-23) 5560950 email: info@fceu.fujitsu.com web: emea.fujitsu.com/components/ asia paci c fujitsu components asia ltd. 102e pasir panjang road #01-01 citilink warehouse complex singapore 118529 tel: (65) 6375-8560 fax: (65) 6273-3021 email: fcal@fcal.fujitsu.com web: http://www.fujitsu.com/sg/services/micro/components/ fujitsu components international headquarter of ces ?2011 fujitsu components europe b.v. all rights reserved. all trademarks or registered trademarks are the property of their re spective owners. the contents, data and information in this datasheet are provided by fujitsu component ltd. as a service only to its user and o nly for gen- eral information purposes. the use of the contents, data and information provided in this datasheet is at the users? own risk. fujitsu has assembled this datasheet with care and will endeavor to keep the contents, data and information correct, accurate, comprehen- sive, complete and up to date. fujitsu components europe b.v. and af liated companies do however not accept any responsibility or liability on their behalf, nor on behalf of its employees, for any loss or damage, direct, indirect or consequential, with respect to this datasheet, its contents, data , and information and related graphics and the correctness, reliability, accuracy, comprehensiveness, usefulness, availability and completeness t hereof. nor do fujitsu components europe b.v. and af liated companies accept on their behalf, nor on behalf of its employees, any responsibility or liability for any representation or warrant of any kind, express or implied, including warranties of any kind for merchantab ility or tness for particular use, with respect to these datasheets, its contents, data, information and related graphics and the correctness, rel iability, accuracy, comprehensiveness, usefulness, availability and completeness thereof. rev. january 11, 2011 ftr-g1 series


▲Up To Search▲   

 
Price & Availability of FTR-G1CN010W1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X